Part Number Hot Search : 
SLA50 SMAJ36 79L18 2310A STU12 3026BI01 TA1230Z MAX2036
Product Description
Full Text Search
 

To Download ELC-645-11-05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LED - Chip
Preliminary Radiation Red-orange Type solderable 10.04.2007 Technology AlInGaP/GaAs
EL-645-11-05
rev. 02/06 Electrodes P (anode) up
1000
typ. dimensions (m)
typ. thickness 260 (20) m cathode gold alloy, 1.5 m anode gold alloy, 1.5 m
PoC-05
Optical and Electrical Characteristics
Tamb = 25C, unless otherwise specified Test Parameter conditions Forward voltage Forward voltage Reverse voltage Radiant power1 Radiant power1 Luminous intensity1 Peak wavelength Spectral bandwidth at 50% Switching time
1
1000
Symbol
Min
Typ
Max
Unit
IF = 100 mA IF = 300 mA IF = 10 A IF = 100 mA IF = 300 mA IF = 100 mA IF = 100 mA IF = 100 mA IF = 100 mA
VF VF VR e e V p 0.5 tr, tf 225 635 5 4.6
1.9 2.1
2.3
V V V
6.0 16 290 645 16 40 655
mW mW mcd nm nm ns
Measured on bare chip on TO-18 header with EPIGAP equipment
Labeling
Type EL-645-11-05 Lot N e(typ) [mW] VF(typ) [V] Quantity
Packing: Chips on adhesive film with wire-bond side on top
EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545
1 of 1


▲Up To Search▲   

 
Price & Availability of ELC-645-11-05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X